Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 1 Page - Interpion semiconductor

  IP4001TF Datasheet HTML 1Page - Interpion semiconductor IP4001TF Datasheet HTML 2Page - Interpion semiconductor IP4001TF Datasheet HTML 3Page - Interpion semiconductor IP4001TF Datasheet HTML 4Page - Interpion semiconductor IP4001TF Datasheet HTML 5Page - Interpion semiconductor IP4001TF Datasheet HTML 6Page - Interpion semiconductor IP4001TF Datasheet HTML 7Page - Interpion semiconductor IP4001TF Datasheet HTML 8Page - Interpion semiconductor IP4001TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
- 1 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
The IP4001 is a monolithic integrated circuit, and
suitable for 5-ch motor driver which drives focus
actuator, tracking actuator, sled motor, spindle motor
and Tray motor of CDP & V-CD system.
- 1ch(forward-reverse) control DC motor driver
- 4ch BTL(Balanced Transformerless) driver
- Built-in TSD (Thermal shutdown) circuit
- Built-in 5V regulator with an internal NPN TR
- Built-in mute circuit
- Built-in Tray motor speed control circuit
- Wide operating supply voltage range: 6.5V~13.2V
Device
Package
Operating Temp
IP4001
28SSOPH-375
-35OC ~ +85OC
IP4001TF
28SSOPH-375
-35OC ~ +85OC
DESCRIPTIONS
BLOCK DIAGRAM
ORDER INFORMATION
FEATURES
8
9
10
11
12
13
14
2
3
4
5
6
7
1
21
20
19
18
17
16
15
27
26
25
24
23
22
28
DO1-
DO1+
IN1
IN1A
N/C
REO
MUTE
SGND
FWD
IN2
DO2+
DO2-
PGND1
REV
DO5+
DO5-
DO3-
DO3+
IN3
CTL
VCC1
VCC2
REF
IN4A
IN4
DO4-
PGND2
TSD
10K
10K
D
D
Level Shift
10K
10K
D
D
Level Shift
IN2
10K
10K
D
D
Level Shift
D
D
SWITCH
Level Shift
MSC
10K
10K
D
D
Level Shift
BIAS
REGULATOR
PWR
TR
DO4+
(FIN)
(FIN)
MUTE
IN1
28SSOP H/S


Similar Part No. - IP4001TF

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4001S INTERPION-IP4001S Datasheet
245Kb / 16P
5-CH MOTOR DRIVEIC
IP4001S-TF INTERPION-IP4001S-TF Datasheet
245Kb / 16P
5-CH MOTOR DRIVEIC
IP4001SL INTERPION-IP4001SL Datasheet
245Kb / 16P
5-CH MOTOR DRIVEIC
IP4001SL-TF INTERPION-IP4001SL-TF Datasheet
245Kb / 16P
5-CH MOTOR DRIVEIC
More results

Similar Description - IP4001TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
5-CH MOTOR DRIVE IC
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9008 INTERPION-IP9008 Datasheet
200Kb / 12P
5-CH MOTOR DRIVE IC 2-Reg controllers
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
5-CH Motor Drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
4-CH MOTOR DRIVE IC
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com