Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 18 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 18 Page - Interpion semiconductor

Back Button IP4001TF Datasheet HTML 14Page - Interpion semiconductor IP4001TF Datasheet HTML 15Page - Interpion semiconductor IP4001TF Datasheet HTML 16Page - Interpion semiconductor IP4001TF Datasheet HTML 17Page - Interpion semiconductor IP4001TF Datasheet HTML 18Page - Interpion semiconductor IP4001TF Datasheet HTML 19Page - Interpion semiconductor IP4001TF Datasheet HTML 20Page - Interpion semiconductor IP4001TF Datasheet HTML 21Page - Interpion semiconductor IP4001TF Datasheet HTML 22Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
- 18 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
4
6
8
10
12
14
0
1
2
3
4
5
6
VCC=variable
IL=100 mA
VCC vs Vreg
Vreg (V)
VCC (V)
0
50
100
150
200
250
300
4.6
4.8
5.0
5.2
5.4
VCC=8 V
IL=variable
IL vs Vreg
Vreg (V)
IL (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com