Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 4 Page - Interpion semiconductor

  IP4001TF Datasheet HTML 1Page - Interpion semiconductor IP4001TF Datasheet HTML 2Page - Interpion semiconductor IP4001TF Datasheet HTML 3Page - Interpion semiconductor IP4001TF Datasheet HTML 4Page - Interpion semiconductor IP4001TF Datasheet HTML 5Page - Interpion semiconductor IP4001TF Datasheet HTML 6Page - Interpion semiconductor IP4001TF Datasheet HTML 7Page - Interpion semiconductor IP4001TF Datasheet HTML 8Page - Interpion semiconductor IP4001TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
- 4 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
Icc
-
-
10
-
mA
Mute on current
Imute
Pin7=GND
-
2.5
5
mA
Mute on voltage
Vmon
-
-
-
0.5
V
Mute off voltage
Vmoff
-
2
-
-
V
[ BTL DRIVE PART ]
Output offset voltage
Voo
Vin=2.5V
-40
-
+40
mV
Maximum output voltage
Vom
Vcc1=Vcc2=8V, 8ohm
4
5
-
V
Closed-loop voltage gain
Avf
Vin=0.1Vrms, f=1Khz
5
6.5
8
dB
Ripple rejection ratio
RR
Vin=0.1Vrms,
f=120Hz
50
60
-
dB
Slew rate
SR
Vout=4Vp-p, square
-
1.5
-
V/us
[ REGULATOR PART ]
Output voltage
Vreg
IL=100mA
4.7
5
5.3
V
Load regulation 1
Vrl 1
IL=0~100mA
-40
-
10
mV
Line regulation
Vcc
Vcc=6.5V~12.5V, IL=100mA
-20
-
+60
mV
[ TRAY DRIVE PART ]
Input high level voltage
Vih
-
2
-
-
V
Input high level voltage
Vil
-
-
-
0.5
V
Output voltage
Vo
Vcc=8V, RL=45ohm,
Pin20=open
2.5
3.1
3.8
V
Output voltage regulation
Vo
Vcc=8V, RL=45ohm,
Pin20=3.5V ~ 4.5V
0.6
1
1.4
V
Output offset voltage 1
Voo1
Pin9,Pin14=5V
-40
-
+40
mV
Output offset voltage 2
Voo2
Pin9,Pin14=0V
-40
-
+40
mV
Load regulation 2
Vrl 2
IL=0~200mA
-70
-
10
mV
(Ta = 25OC, VCC1=VCC2=8V, RL=8ohm, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com