Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP4001TF Datasheet HTML 2Page - Interpion semiconductor IP4001TF Datasheet HTML 3Page - Interpion semiconductor IP4001TF Datasheet HTML 4Page - Interpion semiconductor IP4001TF Datasheet HTML 5Page - Interpion semiconductor IP4001TF Datasheet HTML 6Page - Interpion semiconductor IP4001TF Datasheet HTML 7Page - Interpion semiconductor IP4001TF Datasheet HTML 8Page - Interpion semiconductor IP4001TF Datasheet HTML 9Page - Interpion semiconductor IP4001TF Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
- 6 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Thermal shutdown
The IP4001 has a thermal protection against the abnormal operation, and the detailed operation
of the TSD circuit is as follows
Temperature
mute
Above 175 OC
on
Falls below 150 OC
off
- BTL drive part (Focus, Tracking, Spindle, Sled drive part)
BTL drive part is composed of V-I converter, level shifter and output power amp.
All Output
Driver Bias
VCC2
Q4
I
TSD
Hysteresis
I HYS
10.6k
Pref
10k
Level
Shift
23
10
3
19
25
24
4
2
11
18
26
1
12
17
27
10.6k
As shown in figure 3,
TSD circuit controls the base of the TR Q4.
If the junction temperature rises above 175OC,
TR Q4 will be turned on, and the bias current
of the output drive circuit will be shut down
(because of the negative temperature characteristic
of the NPN transistor).
And then temperature falls below 150 OC, TR Q4 will
be turned off.
(hysteresis temperature is about to 25 OC)
Fig3. Thermal shut down
Hysteresis
25 OC
Fig4. BTL drive part
- V-I converter converts voltage of the input pin into current,
* Vin = input voltage of the input pin (pin3, 10, 19, 25)
*Vref = reference voltage (pin23)
10k
Vref
-
Vin
=
Iconv
Iconv
+Iconv
-Iconv
Ra
Ra
Pamp1
Pamp2
-Va
Va



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com