Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 1 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 1 Page - Cree, Inc

  CMT1925 Datasheet HTML 1Page - Cree, Inc CMT1925 Datasheet HTML 2Page - Cree, Inc CMT1925 Datasheet HTML 3Page - Cree, Inc CMT1925 Datasheet HTML 4Page - Cree, Inc CMT1925 Datasheet HTML 5Page - Cree, Inc CMT1925 Datasheet HTML 6Page - Cree, Inc CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product family data sheet
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo,
XLamp® and EasyWhite® are registered trademarks and eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CMT1925 LED
ProDuCT DEsCriPTion
The
Cree
XLamp®
High-Current
LeD Array family is optimized for
best‑in‑class lumen output, efficacy
and reliability at high drive currents.
XLamp CMT LeDs deliver performance
in industry-compatible packages and
LeSes, enabling lighting manufacturers
to upgrade their designs for applications
such as track, downlight and outdoor
lighting.
High-Current LeD Arrays are now
available in two different versions:
Standard and eTone LeDs.
The eTone version delivers beautiful 90
CRI light quality at the same efficacy
as today’s standard 80 CRI LeDs.
Featuring the same mechanical and
optical characteristics as the Standard
version, the eTone LeDs allow easy
upgrades from 80 CRI to 90 CRI without
sacrificing performance.
fEaTurEs
• 14.5-mm optical source
• Cree easyWhite® 2-, 3- and 5-step
binning
• Premium Color 2- and 3-step binning
• Standard & Premium Color LeDs
available in 70, 80, 90 and 95 CRI
minimum options
• eTone™ LeDs available in 90 CRI
minimum option
• Forward voltage option: 36-v class
• 85 °C binning and characterization
• Maximum drive current: 1700 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• RoHS and ReACh compliant
• UL® recognized component
(e349212)
TabLE of ConTEnTs
Characteristics ............................................2
Operating Limits..........................................3
Flux Characteristics, Order Codes & Bins -
Standard LeDs.............................................4
Flux Characteristics, Order Codes & Bins -
Standard LeDs, Premium Color..................5
Flux Characteristics, Order Codes and
Bins - eTone™ LeDs.....................................6
Relative Spectral Power Distribution -
Standard LeDs.............................................7
Relative Spectral Power Distribution -
Standard LeDs, Premium Color..................8
Relative Spectral Power Distribution -
eTone™ LeDs ............................................ 10
electrical Characteristics......................... 10
Relative Luminous Flux............................ 11
Typical Spatial Distribution...................... 11
Performance Groups - Chromaticity....... 12
Premium Color Performance Groups -
Chromaticity ............................................. 13
Cree easyWhite® Bins Plotted on the
1931 CIe Color Space.............................. 14
Cree Premium Color Bins Plotted on the
1931 CIe Color Space.............................. 15
Bin and Order Code Formats................... 17
Mechanical Dimensions .......................... 18
Thermal Design........................................ 19
Notes ........................................................ 20
Packaging................................................. 21


Similar Part No. - CMT1925

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMT1925 CREELED-CMT1925 Datasheet
1Mb / 19P
XLamp® CMT1925 LED
REV 10
More results

Similar Description - CMT1925

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
Cree® XLamp® CXA2011 LED
REV 0
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
Cree® XLamp® CXA2011 LED
Rev 1a
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
Cree® XLamp® CXA1507 LED
Rev 1
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
Cree® XLamp® CXA1512 LED
Rev 0
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
Cree® XLamp® CXA1507 LED
Rev 1B
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
Cree짰 XLamp짰 CMA1306 LED
CMT1407 CREE-CMT1407 Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1407 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1420 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT2850 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com