Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 2 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 2 Page - Cree, Inc

  CMT1925 Datasheet HTML 1Page - Cree, Inc CMT1925 Datasheet HTML 2Page - Cree, Inc CMT1925 Datasheet HTML 3Page - Cree, Inc CMT1925 Datasheet HTML 4Page - Cree, Inc CMT1925 Datasheet HTML 5Page - Cree, Inc CMT1925 Datasheet HTML 6Page - Cree, Inc CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CmT1925 LED
CharaCTErisTiCs
Characteristics
unit
Minimum
Typical
Maximum
viewing angle (FWHM)
degrees
115
eSD withstand voltage (JeDeC JS-001-2012)
v
Class 3A
DC forward current - Standard
mA
1700*
DC forward current - eTone
mA
915*
Reverse current
mA
0.1
Forward voltage (@ 700 mA, 85 °C)
v
34.2
37.6
*
Refer to the Operating Limits section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com