Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 21 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 21 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc CMT1925 Datasheet HTML 16Page - Cree, Inc CMT1925 Datasheet HTML 17Page - Cree, Inc CMT1925 Datasheet HTML 18Page - Cree, Inc CMT1925 Datasheet HTML 19Page - Cree, Inc CMT1925 Datasheet HTML 20Page - Cree, Inc CMT1925 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® CmT1925 LED
PaCkaging
Cree CMT1925 LeDs are packaged in trays of 20. Five trays are sealed in an anti-static bag and placed inside a carton, for a total of 100
LeDs per carton. each carton contains 100 LeDs from the same performance bin.
Dimensions are in inches.
Tolerances: ±.13
x° ±1°
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX
±
.010
.XX
±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX
±
.05
.XXX
±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
5.875
5.875
.38
R
.375
.875
.875
1
/
1
0.500
A
CXA15XX_DATASHEET_BAG2013
CXA15XX_DATASHEET
BAG
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
PATENT LABEL IS LOCATED
ON UNDERSIDE OF COVER
PATENT LABEL IS LOCATED
ON UNDERSIDE OF CARTON
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX
±
.010
.XX
±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX
±
.05
.XXX
±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
5.875
5.875
.38
R
.375
.875
.875
1
/
1
0.500
A
CXA15XX_DATASHEET_BAG2013
CXA15XX_DATASHEET
BAG
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
LABEL WITH CREE BIN
CODE, QUANTITY, LOT #
PATENT LABEL IS LOCATED
ON UNDERSIDE OF COVER
LABEL WITH CREE BIN CODE,
QUANTITY, LOT #
1.063
7.125
7.625
1.125
R.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com