Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 5 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 5 Page - Cree, Inc

  CMT1925 Datasheet HTML 1Page - Cree, Inc CMT1925 Datasheet HTML 2Page - Cree, Inc CMT1925 Datasheet HTML 3Page - Cree, Inc CMT1925 Datasheet HTML 4Page - Cree, Inc CMT1925 Datasheet HTML 5Page - Cree, Inc CMT1925 Datasheet HTML 6Page - Cree, Inc CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CmT1925 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 20).
•
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
fLuX CharaCTErisTiCs, orDEr CoDEs & bins - sTanDarD LEDs, PrEMiuM CoLor (i
f = 700 ma, TJ = 85 °C)
fidelity
nominal
CCT
Cri
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-step
Min.
Typ
group
order Code
4000 K
95
98
2559
2752
L5A
CMT1925-0000-000N0Z0AL5A
3500 K
95
98
2491
2678
35H
CMT1925-0000-000N0Z0A35H
3000 K
95
98
2329
2504
30H
CMT1925-0000-000N0Z0A30H
2700 K
95
98
2205
2371
27H
CMT1925-0000-000N0Z0A27H
specialty
nominal
CCT
Cri
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-step
3-step
Min.
Typ
group
order Code
group
order Code
group
order Code
3100 K
90
92
2658
2858
31Q
CMT1925-0000-
000N0U0A31Q
3000 K
80
82
3143
3380
L7B
CMT1925-0000-
000N0H0AL7B
90
92
2658
2858
30Q
CMT1925-0000-
000N0U0A30Q
30U
CMT1925-0000-
000N0U0A30U
95
98
2329
2504
L7C
CMT1925-0000-
000N0Z0AL7C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com