Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 13 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 13 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 9Page - Cree, Inc CMT1925 Datasheet HTML 10Page - Cree, Inc CMT1925 Datasheet HTML 11Page - Cree, Inc CMT1925 Datasheet HTML 12Page - Cree, Inc CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc CMT1925 Datasheet HTML 16Page - Cree, Inc CMT1925 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® CmT1925 LED
PrEMiuM CoLor PErforManCE grouPs - ChroMaTiCiTy (T
J = 85 °C)
XLamp CMT1925 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
fidelity
Easywhite Color Temperatures – 2-step
Code
CCT
x
y
L5A
4000 K
0.3764
0.3711
0.3784
0.3787
0.3847
0.3826
0.3825
0.3748
35H
3500 K
0.4022
0.3858
0.4053
0.3942
0.4125
0.3977
0.4091
0.3891
30H
3000 K
0.4287
0.3975
0.4328
0.4064
0.4390
0.4086
0.4347
0.3996
27H
2700 K
0.4524
0.4048
0.4574
0.4140
0.4633
0.4154
0.4581
0.4062
specialty
Easywhite Color Temperatures – 2-step
Code
CCT
x
y
L7B
3000 K
0.4263
0.3848
0.4296
0.3916
0.4361
0.3938
0.4326
0.3868
L7C
3000 K
0.4192
0.3754
0.4224
0.3823
0.4291
0.3847
0.4257
0.3777
Easywhite Color Temperatures – 3-step Ellipse
bin Code
CCT
Center Point
Major axis
Minor axis
rotation angle
(°)
x
y
a
b
31Q
3100 K
0.4236
0.3888
0.00848
0.00455
50.3
30Q
3000 K
0.4305
0.3935
0.00834
0.00408
53.2
30U
3000 K
0.4274
0.3837
0.00834
0.00408
53.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com