Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 3 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 3 Page - Cree, Inc

  CMT1925 Datasheet HTML 1Page - Cree, Inc CMT1925 Datasheet HTML 2Page - Cree, Inc CMT1925 Datasheet HTML 3Page - Cree, Inc CMT1925 Datasheet HTML 4Page - Cree, Inc CMT1925 Datasheet HTML 5Page - Cree, Inc CMT1925 Datasheet HTML 6Page - Cree, Inc CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CmT1925 LED
oPEraTing LiMiTs
The maximum current rating of the CMT1925 depends on the case temperature (Tc) when the LeD has reached thermal equilibrium
under steady-state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. either solder pad shown in the Mechanical
Dimensions section on page 18 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light emitting Surface (LeS). Cree recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 19 for more
information on LeS temperature measurement.
CMT1925 - Standard
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 1700 mA
125 °C,
654 mA
Standard LEDs
CMT1925 - eTone
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Case Temperature (°C)
eTone LEDs
85 °C, 910 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com