Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1621 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HT1621
www.artschip.com
3
Absolute Maximum Ratings
Supply Voltage…………………VSS –0.3V to VSS +5.5V
Storage Temperature…………………………-50℃ to 125℃
Input Voltage…………………VSS –0.3V to VDD +0.3V
Operating Temperature………………………-40℃ to 85℃
Note: These are stress ratings only. Stresses exceeding the range specified under “ Absolute Maximum Ratings” may cause
substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification
is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C.
Characteristics
Ta=25℃
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
2.4
5.2
V
3V
150
300
µA
IDD1
Operating Current
5V
No load/LCD ON
On-chip RC oscillator
300
600
µA
3V
60
120
µA
IDD2
Operating Current
5V
No load/LCD ON
Crystal oscillator
120
240
µA
3V
100
200
µA
IDD3
Operating Current
5V
No load/LCD ON
External clock source
200
400
µA
3V
0.1
5
µA
ISTB
Standby Current
5V
No load, Power down mode
0.3
10
µA
3V
0
0.6
V
VIL
Input Low Voltage
5V
DATA,
,
,
0
1.0
V
3V
2.4
3.0
V
VIH
Input High Voltage
5V
DATA,
,
,
4.0
5.0
V
3V
VOL=0.3V
0.5
1.2
mA
IOL1
DATA, BZ,
,
5V
VOL=0.5V
1.3
2.6
mA
3V
VOH=2.7V
-0.4
-0.8
mA
IOH1
DATA, BZ,
5V
VOH=4.5V
-0.9
-1.8
mA
3V
VOL=0.3V
80
150
µA
IOL2
LCD Common Sink Current
5V
VOL=0.5V
150
250
µA
3V
VOH=2.7V
-80
-120
µA
IOH2
LCD Common Source Current
5V
VOH=4.5V
-120
-200
µA
3V
VOL=0.3V
60
120
µA
IOL3
LCD Segment Sink Current
5V
VOL=0.5V
120
200
µA
3V
VOH=2.7V
-40
-70
µA
IOH3
LCD Segment Source Current
5V
VOH=4.5V
-70
-100
µA
3V
60
120
200
kΩ
RPH
Pull-high Resistor
5V
DATA,
,
,
30
60
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com