Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1621 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT1621
www.artschip.com
4
A.C. Characteristics
Ta=25
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
fSYS1
System clock
On-chip RC oscillator
256
kHz
fSYS2
System clock
Crystal oscillator
32.768
kHz
fSYS3
System clock
External clock source
256
kHz
On-chip RC oscillator
fSYS1/1024
Hz
Crystal oscillator
fSYS2/128
Hz
fLCD
LCD Clock
External clock source
fSYS3/1024
Hz
tCOM
LCD Common Period
n: Number of COM
n/ fLCD
s
3V
4
150
kHz
fCLK1
Serial Data Clock (
pin)
5V
Duty cycle 50%
4
300
kHz
3V
75
kHz
fCLK2
Serial Data Clock (
pin)
5V
Duty cycle 50%
150
kHz
fTONE
Tone Frequency
On-chip RC oscillator
2.0 or 4.0
kHz
tCS
Serial Interface Reset Pulse
Width (Figure 3)
250
ns
Write mode
3.34
125
3V
Read mode
6.67
µs
Write mode
1.67
125
tCLK
,
Input Pulse Width
(Figure 1)
5V
Read mode
3.34
µs
tr, tf
Rise/Fall Time Serial Data
Clock Width (Figure 1)
120
ns
tau
Setup Time for DATA to
,
Clock Width (Figure 2)
120
ns
th
Hold Time for DATA to
,
Clock Width (Figure 2)
120
ns
tau1
Setup Time for
to
,
Clock Width (Figure 3)
100
ns
th1
Hold Time for
to
,
Clock Width (Figure 2)
100
ns
Figure 1
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com