Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HT1621
www.artschip.com
7
Command Format
The HT1621 can be configured by the S/W setting . There are two
mode commands to configure the HT1621 resources and to transfer
the LCD display data. The configuration mode of the HT1621 is
called command mode, and its command mode ID is 100. The
command mode consists of a system configuration command, a
system frequency selection command, a LCD configuration
command, a tone frequency selection command, a timer/WDT
setting command, and an operating command. The data mode, on
the
other
hand,
includes
READ,
WRITE,
and
READ-MODIFY-WRITE operations. The following are the data
mode IDS and the command mode ID;
Operation
Mode
ID
Read
Data
110
Write
Data
101
Read-Modify-write
Data
101
Command
Command
100
The mode command should be issued before the data or command
is transferred. If successive commands have been issued. The
command mode ID, namely 100, can be omitted. While the system
is operating in the non-successive command or the non-successive
address data mode, the
pin should be set to “1” and the previous
operation mode will be reset also. Once the
pin returns to “0” a
new operation mode ID should be issued first.
Interfacing
Only four lines are required to interface with the HT1621, the
line is used to initialize the serial interface circuit and to terminate
the communication between the host controller and the HT1621. If
the
pin is set to 1, the data and command issued between the
host controller and the HT1621 are first disabled and then initialized.
Before issuing a mode command or mode switching, a high level
pulse is required to initialize the serial interface of the HT1621. The
DATA line is the serial data input/output line. Data to be read or
written or commands to be written have to be passed through the
DATA line. The
line is the READ clock input Data in the RAM
are clocked out on the falling edge of the
signal, and the clocked
out data will then appear on the DATA line. It is recommended that
the host controller read in correct data during the interval between
the rising edge and the next falling edge of the
signal. The
line is the WRITE clock input. The data, address, and
command on the DATA line are all clocked into the HT1621 on the
rising edge of the
signal. There is an optional
line to be
used as an interface between the host controller and the HT1621.
The
pin can be selected as a timer output or a WDT overflow
flag output by the S/W setting. The host controller can perform the
time base or the WDT function by being connected with the
pin of the HT1621.
Crystal Selection
A 32768Hz crystal can be directly connected to the HT1621 via
OSCI and OSCO. In order to obtain the correct frequency, two
additional load capacities (C1, C2) are needed. The value of the
capacity depends on how accurate the crystal is. We suggest that
you can follow the table. Which suggests the value of capacities.
The table illustrations the suggestion value of capacities (C1, C2)
Crystal Error
Capacity Value
±10ppm
0
~10p
10
~20ppm
10
~20p
Timing Diagrams
READ Mode (Command Code:110)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com