Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1621 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HT1621
www.artschip.com
5
Functional Description
Display Memory –RAM
The static display memory (RAM) is organized into 32x4 bits and
stores the displayed data. The contents of the RAM are directly
mapped to the contents of the LCD driver. Data in the RAM can be
accessed by the READ, WRITE, and READ-MODIFY- WRITE
commands. The following is a mapping from the RAM to the LCD
pattern:
RAM Mapping
System Oscillator
The HT1621 system clock is used to generate the time
base/Watchdog Timer (WDT) clock frequency, LCD driving clock,
and tone frequency. The source of the clock may be from an on-chip
RC oscillator (256kHz), a crystal oscillator (32.768kHZ), or an
external 256kHz clock by the S/W setting. The configuration of the
system oscillator is as shown. After the SYS DIS command is
executed, the system clock will stop and the LCD bias generator will
turn off. That command is ,however, available only for the on-chip
RC oscillator or for the crystal oscillator. Once the system clock
stops, the LCD display will become blank, and the time base/WDT
lose its function as well.
The LCD OFF command is used to turn the LCD bias generator off.
After the LCD bias generator switches off by issuing the LCD OFF
command, using the SYS DIS command reduces power
consumption, serving as a system power down command. But if the
external clock source is chosen as the system clock, using the SYS
DIS command can neither turn the oscillator off nor carry out the
power down mode. The crystal oscillator option can be applied to
connect an external frequency source of 32kHz to the OSCI pin. In
this case, the system fails to enter the power down mode, similar to
the case in the external 256kHz clock source operation. At the initial
system power on, the HT1621 is at the SYS DIS state.
Time Base and Watchdog Timer (WDT)
The time base generator is comprised by an 8-stage count-up ripple
counter and is designed to generate an accurate time base. The
watch dog timer (WDT), on the other hand, is composed of an
8-stage time base generator along with a 2-stage count-up counter,
and is designed to break the host controller or other subsystems
from abnormal states such as unknown or unwanted jump,
execution errors, etc. The WDT time-out will result in the setting of
an internal WDT time-out flag. The outputs of the time base
generator and of the WDT time-out flag can be connected to
the
output by a command option. There are totally eight
frequency sources available for the time base generator and the
WDT clock. The frequency is calculated by the following equation.
Where the value of n ranges from 0 to 7 by command options. The
32kHz in the above equation indicates that the source of the system
frequency is derived from a crystal oscillator of 32.768kHz, an
on-chip oscillator (256kHz), or an external frequency of 256KHz.
If an on-chip oscillator (256kHz) or an external 256kHz frequency is
chosen as the source of the system frequency, the frequency source
is by default prescaled to 32kHz by a 3-stage prescaler. Employing
both the time base generator and the WDT related commands, one
should be careful since the time base generator and WDT share the
same 8-stage counter. For example, invoking the WDT DIS
command disables the time base generator whereas executing the
WDT EN command not only enables the time base generator but
activates
System Oscillator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com