Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1621 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HT1621
www.artschip.com
6
Timer and WDT Configurations
The WDT time-out flag output (connect the WDT time-out flag to the
pin). After the TIMER EN command is transferred, the WDT is
disconnected from the
pin, and the output of the time base
generator is connected to the
pin. The WDT can be cleared
by executing the CLR WDT command, and the contents of the time
base generator is cleared by executing the CLR WDT or the CLR
TIMER command. The CLR WDT or the CLR TIMER command
should be executed prior to the WDT EN or the TIMER EN
command respectively. Before executing the
EN command
the CLR WDT or CLR TIMER command should be executed first.
The CLR TIMER command has to be executed before switching
from the WDT mode to the time base mode. Once the WDT time-out
occurs, the
pin will stay at a logic low level until the CLR WDT
or the
DIS command is issued. After the
output is
disabled the
pin will remain at the floating state. The
output can be enabled or disabled by executing the
EN or the
DIS command, respectively. The
EN makes the output
of the time base generator or of the WDT time-out flag appear on
the
pin. The configuration of the time base generator along
with the WDT are as shown. In the case of on-chip RC oscillator or
crystal oscillator, the power down mode can reduce power
consumption since the oscillator can be turned on or off by the
corresponding system commands. At the power down mode the
time base/WDT loses all its functions.
On the other hand if an external clock is selected as the source of
system frequency the SYS DIS command turns out invalid and the
power down mode fails to be carried out. That is, after the external
clock source is selected, the HT1621 will continue working until
system power fails or the external clock source is removed. After the
system power on, the
will be disabled.
Tone Output
A simple tone generator is implemented in the HT1621.The tone
generator can output a pair of differential driving signals on the BZ
and
, which are used to generate a single tone. By executing the
TONE4K and TONE2K commands there are two tone frequency
outputs selectable. The TONE4K and TONE2K commands set the
tone frequency to 4kHz and 2kHz, respectively. The tone output can
be turned on or off by invoking the TONE ON or the TONE OFF
command. The tone outputs , namely BZ and
, are a pair of
differential driving outputs used to drive a piezo buzzer. Once the
system is disabled or the tone output is inhibited, the BZ and the
outputs will remain at low level.
LCD Driver
The HT1621 is a 128 (32x4) pattern LCD driver. It can be configured
as 1/2 or 1/3 bias and 2 or 3 or 4 commons of LCD driver by the S/W
configuration. This feature makes the HT1621 suitable for multiply
LCD applications. The LCD driving clock is derived from the system
clock. The value of the driving clock is always 256Hz even when it is
at a 32.768kHz crystal oscillator frequency, an on-chip RC oscillator
frequency, or an external frequency. The LCD corresponding
commands are summarized in the table.
The bold form of 100, namely 100, indicates the command mode ID.
If successive commands have been issued, the command mode ID
except for the first command, will be omitted. The LCD OFF
command turns the LCD display off by disabling the LCD bias
generator. The LCD ON command, on the other hand, turns the
LCD display on by enabling the LCD bias generator. The BIAS and
COM are the LCD panel related commands. Using the LCD related
commands, the HT1621 can be compatible with most types of LCD
panels.
Name
Command Code
Function
LCD OFF
10000000010X
Turn off LCD outputs
LCD ON
10000000011X
Turn on LCD outputs
BIAS & COM
1000010abxcx
C=0:1/2 bias option
C=1: 1/3 bias option
ab=00:2 commons option
ab=01:3 commons option
ab=10:4 commons option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com