Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1621 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT1621
www.artschip.com
1
HT1621
RAM Mapping 32x4 LCD Controller for I/O MCU
Features
Operating voltage: 2.4V ~ 5.2V
Built-in 256kHz RC oscillator
External 32.768kHz crystal or 256 kHz frequency source input
Selection of 1/2 or 1/3 bias, and selection of 1/2 or 1/3 or 1/4
duty LCD applications
Internal time base frequency sources
Two selectable buzzer frequencies (2kHz/4kHz)
Power down command reduces power consumption
Built-in time base generator and a WDT
Time base or WDT overflow output
8 kinds of time base/WDT clock sources
32x4 LCD driver
Built-in 32x4 bit display RAM
3-wire serial interface
Internal LCD driving frequency source
Software configuration feature
Data mode and command mode instructions
R/W address auto increment
Three data accessing modes
VLCD pin for adjusting LCD operating voltage
HT1621B: 48-pin SSOP/LQFP packages
HT1621D: 28-pin SKDIP package
HT1621G: Gold bumped chip
General Description
The HT1621 is a 128 pattern (32x4), memory mapping, and multi-function LCD driver. The S/W configuration feature of the HT1621
makes it suitable for multiple LCD applications including LCD modules and display sub-systems. Only three or four lines are required
for the interface between the host controller and the HT1621. The HT1621 contains a power down command to reduce power
consumption.
Selection Table
HT162X
HT1620
HT1621
HT1622
HT16220
HT1623
HT1625
HT1626
COM
4
4
8
8
8
8
16
SEG
32
32
32
32
48
64
48
Built-in Osc.
Crystal Osc.


Similar Part No. - HT1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O C
April 21, 2000
HT1621 HOLTEK-HT1621 Datasheet
196Kb / 19P
RAM Mapping 32x4 LCD Controller for I/O MCU
June 29, 2005
HT1621 HOLTEK-HT1621 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1621 HOLTEK-HT1621 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621 Datasheet
154Kb / 15P
RAM Mapping 4816 LCD Controller for I/O MCU
More results

Similar Description - HT1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
RAM Mapping 32x4 LCD Controller for I/O MCU
June 29, 2005
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
RAM Mapping 48x8 LCD Controller for I/O MCU
September 11, 2002
HT1625 HOLTEK-HT1625_02 Datasheet
192Kb / 15P
RAM Mapping 64x8 LCD Controller for I/O MCU
September 11, 2002
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
RAM Mapping 48x16 LCD Controller for I/O MCU
September 11, 2002
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
RAM Mapping 328 LCD Controller for I/O MCU
October 12, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com