Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 (8)
DA9162.001
25 October, 2001
3,1'(6&5,37,21
3LQ 1DPH
3LQ
7\SH
)XQFWLRQ
VIN
1
P
Power Supply Voltage
GND
2
G
Ground
CTRL
3
I
Enable/Disable Pin for Regulator
N/C
4
-
Not Connected
VOUT
5
O
Output
%/2&.',$*5$0
$%62/87(0$;,0805$7,1*6
All voltages with respect to ground.
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
0D[
8QLW
Supply Voltage
VIN
-0.3
6
V
Voltage Range for All Pins
-0.3
VIN + 0.3
V
ESD Rating
HBM
2
kV
Junction Temperature
TJmax
+175
(limited)
°C
Storage Temperature
TS
-55
+150
°C
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
5(&200(1'('23(5$7,1*&21',7,216
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
0D[
8QLW
Operating Junction
Temperature
TJ
- 40
+125
°C
Operating Ambient
Temperature
TA
-40
+85
°C
Operating Supply Voltage
VIN
VOUT(NOM)
+0.3
5.3
V
G = Ground, I = Input, O = Output, P = Power
CTRL
VIN
VOUT
GND
OVER CURRENT /
OVER TEMPERATURE
PROTECTION
VOLTAGE
REFERENCE
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com