Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 (8)
DA9162.001
25 October, 2001
$33/,&$7,21,1)250$7,21
3DUDPHWHU
6\PERO
0LQ
7\S
0D[
8QLW
1RWH
Output
Capacitance
Effective Series
Resistance
CL
ESR
0.22
0.01
1.0
2
µF
Ohm
1.
Ceramic and film capacitors
can be used.
2.
The value of CL should be
smaller than or equal to the
value of CIN.
1.
When within this range stable
with all IOUT = 0 mA… 80 mA
values.
Input Capacitance
CIN
0.5
µF
1.
A big enough input
capacitance is needed to
prevent possible impedance
interactions between the
supply and MAS9162.
2.
Ceramic, tantalum, and film
capacitors can be used. If a
tantalum capacitor is used, it
should be checked that the
surge current rating is
sufficient for the application.
3.
In the case that the
inductance between a
EDWWHU\
and MAS9162 is very small
(< 0.1
µH) 0.47 µF input
capacitor is sufficient.
4.
The value of CIN should not be
smaller than the value of CL.
Values given on the table are minimum requirements unless otherwise specified. When selecting capacitors,
tolerance and temperature coefficient must be considered to
PDNHVXUHWKDW WKH UHTXLUHPHQW LVPHW LQ DOO
SRWHQWLDO RSHUDWLQJ FRQGLWLRQV
CTRL
VIN
VOUT
OVER CURRENT /
OVER TEMPERATURE
PROTECTION
VOLTAGE
REFERENCE
+
C
IN
C
L
GND
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com