Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 (8)
DA9162.001
25 October, 2001
(/(&75,&$/ &+$5$&7(5,67,&6
TA = -40°C to +85°C, typical values at TA = +27°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, CIN = 1
µF, COUT = 1.0 µF, VCTRL = 2 V, unless
otherwise specified.
N
7KHUPDO3URWHFWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Threshold High
TH
145
160
175
°C
Threshold Low
TL
135
150
165
°C
The hysteresis of 10
oC prevents the device from turning on too soon after thermal shut-down.
N
&RQWURO7HUPLQDO6SHFLILFDWLRQV
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Control Voltage
OFF State
ON State
VCTRL
1.6
0.55
V
Control Current
ICTRL
VCTRL = VIN
VCTRL = 0 V
5
0
15
µA
u 9ROWDJH3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Output Voltage Tolerance
VOUT
IOUT = 0 mA
IOUT = 50 mA
- 1.7
- 3.5
+ 1.7
+ 1.7
%VOUT(NOM)
Dropout Voltage
VDROP
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
46
51
95
mV
N
&XUUHQW 3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Continuous Output Current
IOUT
080
mA
Short Circuit Current
IMAX
RL = 0
Ω
230
mA
Peak Output Current
IPK
VOUT > 95% * VOUT(NOM)
180
mA
Ground Pin Current
IGND
IOUT = 0 mA
IOUT = 10 mA
IOUT = 50 mA
170
210
250
µA
TA=25°C
0.02
0.5
Ground Pin Current, Sleep
Mode
IGND
VCTRL < 0.3 V
TA=85°C0.2
2
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com