Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 (8)
DA9162.001
25 October, 2001
u 3RZHU'LVVLSDWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Thermal Resistance
(Junction-to-Air)
RJA
typical PC board mounting,
still air
255.9
°C/W
Maximum Power Dissipation
Pd
any ambient temperature
JA
A
(MAX)
J
MAX
d
R
T
T
P
−
=
W
Note 1
Note 1: TJ(MAX) denotes maximum operating junction temperature (+125°C), TA ambient temperature, and RJA junction-to-air thermal
resistance (+255.9°C/W).
u /LQHDQG/RDG5HJXODWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Line Regulation
VOUT(NOM) + 1 V < VIN < 5.3 V
IOUT = 50 mA
0.75
2
mV
Load Regulation
IOUT = 1.0 to 50 mA
13.5
25
mV
u 1RLVHDQG 5LSSOH5HMHFWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Output Noise Voltage
VRMS
100 Hz < f < 100 kHz
30
µVrms
Noise Density
VN
IOUT = 50 mA,
f = 10 kHz
140
nV
sqrt(Hz)
PSRR
f = 1 kHz
f = 10 kHz
f = 100 kHz
50
38
37
dB
N
'\QDPLF 3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Start-up Delay (from start-up
to 80% of VOUT(NOM))
VCTRL = 0 to 2.4 V, IOUT = 50 mA,
CL
” 1.0 µF
6.5
µs
Overshoot
VCTRL = 0 to 2.4 V
2.0
8.0
%
Start-up Time
(settling time of voltage
transient from start-up to
within
±1% of VOUT(NOM))
VCTRL = 0 to 2.4 V, IOUT = 50 mA
CL
” µF
10
µs
&75/
9287
50%
start-up delay
80%
overshoot
start-up time
)LJXUH Definitions of
start-up delay, overshoot
and start-up time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com