Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 (8)
DA9162.001
25 October, 2001
25'(5,1*,1)250$7,21
3URGXFW&RGH
3URGXFW
7RS 0DUNLQJ
3DFNDJH
&RPPHQWV
MAS9162AST1-T
3.30 V Voltage Regulator IC
62A1
SOT23-5
Tape and Reel
MAS9162AST2-T
2.80 V Voltage Regulator IC
62A2
SOT23-5
Tape and Reel
MAS9162AST3-T
2.50 V Voltage Regulator IC
62A3
SOT23-5
Tape and Reel
MAS9162AST6-T
3.00 V Voltage Regulator IC
62A6
SOT23-5
Tape and Reel
MAS9162AST7-T
2.90 V Voltage Regulator IC
62A7
SOT23-5
Tape and Reel
MAS9162AST8-T
2.86 V Voltage Regulator IC
62A8
SOT23-5
Tape and Reel
MAS9162AST9-T
2.70 V Voltage Regulator IC
62A9
SOT23-5
Tape and Reel
For more voltage options contact Micro Analog Systems Oy.
/2&$/',675,%8725
0,&52$1$/2*6<67(062<&217$&76
Micro Analog Systems Oy
Kamreerintie 2, P.O.Box 51
FIN-02771 Espoo, FINLAND
Http://www.mas-oy.com
Tel. (09) 80 521
Tel. Int. +358 9 80 521
Telefax +358 9 805 3213
E-mail: info@mas-oy.com
127,&(
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com