Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9162 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAS9162
Description  80 mA LDO VOLTAGE REGULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9162 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAS9162 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9162 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 (8)
DA9162.001
25 October, 2001
0$6
P$ /'29ROWDJH5HJXODWRU,&
• /RZ 1RLVH  —9UPV ZLWKRXW
([WHUQDO%\SDVV&DSDFLWRU
• 9HU\6KRUW6WDUWXS7LPH—V
• 6WDEOH/RZ(652XWSXW&DSDFLWRUV
• /RZ 0LQLPXP 2XWSXW&DSDFLWDQFH
5HTXLUHPHQW—)
•
5HJXODWRU (QDEOH'LVDEOH&RQWURO
'(6&5,37,21
MAS9162 is a low dropout voltage regulator with an
enable/disable pin, which allows device to be turned
off or on by pulling control to low or high.
No
external
bypass
capacitor
is
needed
for
achieving the low noise level of 30 µVrms. In
addition to the noise levels, MAS9162 excels in
dropout voltage (95 mV typical at 50 mA) and in
start-up time (typically 10
µs from start-up to within
±1% of VOUT(NOM)).
The Equivalent Series Resistance (ESR) range of
output capacitors that can be used with MAS9162 is
very wide. This ESR range from a few m
Ω up to a
couple of Ohms combined with no minimum output
current requirement makes the usage of MAS9162
easier and low in cost. Also the minimum output
capacitance requirement is very low. This combined
with very short start-up time makes it possible to
switch the regulator off and on even in timing critical
and/or noise sensitive applications.
An internal thermal protection circuit prevents the
device from overheating. Also the maximum output
current is internally limited. In order to save power
the device goes into sleep mode when the regulator
is disabled.
)($785(6
$33/,&$7,21
• No External Bypass Capacitor Needed
• Optimized for Fast Start-up
• Internal Thermal Shutdown
• Short Circuit Protection
• SOT23-5 Package
• Pin Compatible with MC33761
• Several Output Voltage Options Available, See
Ordering Information p. 8
• RF-Oscillators
• Cellular Phones
• Cordless Phones
• Pagers
• Battery Powered Systems
• Portable Systems
• Radio Control Systems
3,1&21),*85$7,21
Top View
For Top Marking Information
see Ordering Information p. 8
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.
1
2
3
5
VIN
VOUT
CTRL
GND
NC
62AX
4


Similar Part No. - MAS9162

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AAHV06 MAS-MAS9116AAHV06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD06 MAS-MAS9116AASD06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD08 MAS-MAS9116AASD08 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116ASBA MAS-MAS9116ASBA Datasheet
1Mb / 18P
Stereo Digital Volume Control
More results

Similar Description - MAS9162

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
LDO Voltage Regulator IC
logo
List of Unclassifed Man...
MAS9122 ETC1-MAS9122 Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
80 mA High-Voltage Automotive LDO
05/14/19
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
關Cap 80 mA LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com