Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 39 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 39 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 35Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 36Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 37Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 38Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 39Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 40Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 41Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 42Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 43Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
39
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
10:8
2:0
10:8
IMAX1
IMAX2
IMAX3
LEDx maximum output current selection
000: 0mA
(default)
001: 3.5mA
010: 7.0mA
011: 10.5mA
100: 14.0mA
101: 17.5mA
110: 21.0mA
111: 24.5mA
10.4.7
TIER, Program Touch Interrupt Enable Register
Address: 0x5C, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
TIE
0
0
GIE2
GIE1
0
KIE3
KIE2
KIE1
0
0
Bit
Symbol Description
4:2
KIE3~1 Touch key interrupt enable for ASP program
0: disable (default)
1: enable
7:6
GIE2~1 Gesture interrupt enable for ASP program
0: disable (default)
1: enable
10
TIE
Tap interrupt enable for ASP program
0: disable (default)
1: enable
10.4.8
TIVEC, Touch Interrupt Vector Register
Address: 0x5D, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
TIVEC
Bit
Symbol
Description
7:0
TIVEC
Touch interrupt vector. When touch interrupt occurs,
SRAM PC pointer jumps to the
target address specified by TIVEC.
10.4.9
LISR, LED Interrupt Status Register
Address: 0x5E, R(clear by reading), default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LIS
Bit
Symbol
Description
0
LIS
LED program end interrupt status, set by END instruction with parameter int=1, used
for inform external MCU that program has finished. LCR.LIE is the enable bit for LIS.
0: no interrupt
1: interrupt request
10.4.10
SADDR, Program Start Address Register
Address: 0x5F, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
SADDR
Bit
Symbol
Description
7:0
SADDR
SRAM
program
starting
address.
For
reload
and
run
mode,
if
setting
PMD.PROGMD=10, program will jump to PC=SADDR and run again.
10.4.11
PCR, LED Program Control Pointer Register
Address: 0x60, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
PC
Bit
Symbol
Description
7:0
PC
SRAM program pointer(PC), can be written by I2C interface.
For normal program execution, set the PC pointer at PMD.PROGMD= 00 mode at first,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com