Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 7 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
7
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
5
ORDERING INFORMATION
Part
Number
Temperature
Package
Marking
Moisture
Sensitivit
y Level
Environmenta
l Information
Delivery Form
AW9233CSR
-40
℃~85℃
1.59mm×1.75
mm×0.57mm
9233
MSL1
ROHS+HF
3000 units/
Tape and Reel
AW9233
Shipping
R: Tape & Reel
Package Type
CS: CSP
6
ABSOLUTE MAXIMUM RATINGS(NOTE 3)
PARAMETERS
RANGE
Supply voltage range VBAT
-0.3V to 5V
Input voltage range
SCL, SDA
-0.3V to 3.6V
PDN, LED1~LED3
-0.3V to 4.5V
Output voltage range
SDA, INTN
-0.3V to 3.6V
Junction-to-ambient thermal resistance
θJA
45℃/W
Operating free-air temperature range
-40℃ to 85℃
Maximum Junction temperature TJMAX
150℃
Storage temperature TSTG
-55℃ to 125℃
Lead Temperature (Soldering 10 Seconds)
260
℃
ESD(NOTE 4)
HBM (human body model)
±5000V
MM (machine mode)
±300V
CDM (charge device mode)
±2000V
Latch-up
Test Condition: JEDEC STANDARD NO.78B DECEMBER
2008
+IT:450mA
-IT:-450mA
NOTE3: Conditions out of those ranges listed in "absolute maximum ratings" may cause permanent
damages to the device. In spite of the limits above, functional operation conditions of the device should
within the ranges listed in "recommended operating conditions". Exposure to absolute-maximum-rated
conditions for prolonged periods may affect device reliability.
NOTE4: The human body model is a 100pF capacitor
discharged through a 1.5kΩ resistor into each pin.
Test method: MIL-STD-883G Method 3015.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com