Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
13
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
SCL
SDA
S/Sr
S: START condition
Sr: START Repeated condition
P: STOP condition
P
Figure 8
I2C Start/Stop Condition Timing
9.3.5
Write Cycle
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
(SCL). Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCL and in the middle of a transaction, aborts the current transaction.
New data should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and
a Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is
transferred with the most significant bit first. After each byte, an Acknowledge signal must follow.
In a write process, the following steps should be followed:
a)
Master device generates START condition. The “START” signal is generated by lowering the SDA
signal while the SCL signal is high.
b)
Master device sends slave address (7-bit) and the data direction bit (w = 0).
c)
Slave device sends acknowledge signal if the slave address is correct.
d)
Master sends control register address (8-bit)
e)
Slave sends acknowledge signal
f)
Master sends data high 8Bit to be written to the addressed register
g)
Slave sends acknowledge signal
h)
Master sends data low 8Bit to be written to the addressed register
I)
Slave sends acknowledge signal
j)
Master generates STOP condition to indicate write cycle end
0
A2
A1
A0
A6
A5
A3
A4
A4
A3
A1
A2
A7
A5
A6
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
D13 D12
D10
D11
A0
D14
D15
D6
D0
D1
D9
D8
D7
7
8
0
1
2
3
4
5
6
7
8
0
1
...
6
SCL
SDA
Ack
Ack
Ack
7
8
Ack
Start
R/W
……
Stop
I
2C Address
Register Address
Register Data High 8Bit
Register Data Low 8Bit
Figure 9
AW9233 I2C Write Timing
9.3.6
Read Cycle
In a read cycle, the following steps should be followed:
a)
Master device generates START condition
b)
Master device sends slave address (7-bit) and the data direction bit (w = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com