Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 17 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 17 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
17
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
9.6.1
LED brightness controller
Pulse Width Modulation (PWM) is used to adjust the brightness of LED, 256 level brightness with 9bit resolution
is adapted. The PWM frequency can be configured between 122Hz or 244Hz by control bit LCR.FREQ.
The ASP generates the PWM signal with dedicated and highly efficient dimming control instruction for all 9
independent LED constant current source. By programming, user-defined complicated lighting effect could be
produced.
The LED control instruction executed by ASP could come from LED SRAM or external I2C register. The register
CTRS can choose every LED channel to be controlled by SRAM program or by I2C register.
-
CTRS[n] = 0, LED n controller is controlled by the internal SRAM instruction;
-
CTRS[n] = 1, LED n controller is controlled by
the external I2C register.
9.6.2
LED Constant current driver
For each LED, the maximum output constant current is 24.5mA, with 8 level adjustable by register IMAXn
(n=1~3).
9.6.3
ASP
ASP module is consist of one program controller and 3 PWM controllers.
SRAM
256×16bits
PC
PWM
Controller
PWM
Controller
PWM
Controller
SCL
SDA
Program_controller
Control
Instruction
PWM3
PWM2
PWM1
Figure 13
ASP Structure Diagram
9.6.3.1
Program Controller
The program controller is clocked by 32kHz internal clock, each instruction is executed in one clock cycle. The
program controller is consist of a program SRAM, an algorithmic logic unit ( ALU)
and other internal registers.
The 256x16bit internal SRAM is used to store LED lighting effect program loaded through I2C interface, the
I2C interface also can start or stop the program execution. There are 4 internal registers RA/RB/RC/RD
participating ALU operation so as to generate complicated program control such as repeating and looping.
Except for that, there are 8 8bit temporary data registers(R1~R8) and 5 special function registers. Their internal
address and function description is shown in the table below.
Table 1 Address allocation of
internal data register in ASP
Register
Address(HEX)
Description
R1
00
R1 data temporary register,8bit,I2C readable
R2
01
R2 data temporary register,8bit,I2C readable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com