Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 22 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 22 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
22
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
When SRAM program running, if Ch field or value of Rx in LED control command is
‘11111’, the current
command is active for all LED with setting of CTRSR.bitn=0. If Ch field or value of Rx in LED control command
is
‘11110’, the current command is only active for those channel with setting of GMSKx=0.
When LED instruction is come from I2C interface directly,
it is recommended to use only the command with
immediate data. If the Ch field in command is
“11111”, the current command is only active for those LED with
STRSR.bitn=1..
Table 5 LED Control Instruction explanation
Instruction
Description
Register Parameter
SETPWMR
Rx Ry
Set the PWM brightness level with parameter in register
Rx: LED channel number, 2,4,6 for LED 1~ LED 3 respectively
Ry: Brightness level, 0~255
RAMPR
Dir Rx Ry
Set the Fade-in/Fade-out for specified step with parameter in
register
Dir: 1: Fade-in; 0: Fade-out
Rx: LED channel number, 2,4,6 for LED 1~ LED 3 respectively
Ry: the step number of Fade-in/Fade-out
SETSTEPTMRR
Pre Rx Ry
Set the RAMP slope with parameter in register
Pre: basic time unit,
0: 0.5ms; 1: 16ms
Rx: LED channel number, 2,4,6 for LED 1~ LED 3 respectively
Ry: RAMP step time = (Ry+1)*Pre, 0~255
Immediate Data
SETPWMI Ch Im
Set the PWM brightness level with immediate parameter
Ch: LED channel number, 2,4,6 for LED 1~ LED 3 respectively
Im: Brightness level, 0~255
RAMPI Dir Ch Im
Set the Fade-in/Fade-out for specified steps with
immediate
parameter
Dir: 1: Fade-in; 0: Fade-out
Ch: LED channel number, 2,4,6 for LED 1~ LED 3 respectively
Im: the steps of Fade-in/Fade-out
SETSTEPTMRI
Pre Ch Im
Set the RAMP step time with immediate parameter
Pre: basic unit of time,
0: 0.5ms; 1: 16ms
Ch: LED channel number, 2,4,6 for LED 1~ LED 3respectively
Im: RAMP step time = (Im +1)*Pre, 0~255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com