Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9233CSR Datasheet(PDF) 12 Page - Shanghai awinic technology co.,ltd

Part # AW9233CSR
Description  3-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9233CSR Datasheet(HTML) 12 Page - Shanghai awinic technology co.,ltd

Back Button AW9233CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9233CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AW9233
June 2018 V1.2
www.awinic.com.cn
12
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
AD
0
1
1
0
1
0
R/W
Figure 5
Device Address Configuration
9.3.2
Data Validation
When SCL is high level, SDA level must be constant. SDA can be changed only when SCL is low level.
SCL
SDA
Data Line
Stable
Data Valid
Change
of Data
Allowed
Figure 6
Data Validation Diagram
9.3.3
ACK(Acknowledgement)
ACK means the successful transfer of I2C bus data. After master sends 8bits data, SDA must be released;
SDA is pulled to GND by slave device when slave acknowledges.
When master reads, AW9233 sends 8bit data, releases the SDA and waits for ACK from master. If ACK is
send and I2C stop is not send by master, AW9233 sends the next data. If ACK is not send by master, AW9233
stops to send data and waits for I2C stop.
1
2
8
9
Data Output
by Transmiter
Data Output
by Receiver
SCL From
Master
START
condition
Not Acknowledge(NACK)
Acknowledge(ACK)
Clock Pulse for
Acknowledgement
Figure 7
I2C ACK Timing
9.3.4
I2C Start/Stop
I2C start: SDA changes form high level to low level when SCL is high level.
I2C stop: SDA changes form low level to high level when SCL is high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com