Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 5 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 5 Page - BUDDIES TECHNOLOGY LIMITED.

  BTM41 Datasheet HTML 1Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 2Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 3Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 4Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
5
1.2 Features
Small overall dimension(25.8mm x 13.2mm x 2mm)
Bluetooth Specification V2.1
Class 2 and Class 3 support
Physical connection as SMD type
Built-in RF combo filter, Integrated 26M Crystal.
Supports up to 8 Mbits on module flash memory.
Support active inquire BT device and pairing.
Support HSP, HFP, OPP, SPP, PBAP, profile.
Support customizable PIN code and device name.
Support pairing up to 8 Bluetooth
® device.
No radio signal interference, support for 802.11 co-existence
Some features are optional for customization on demand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com