Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM41 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
13
5.6
Serial Interfaces
5.6.1
UART
This is a standard UART interface for communicating with other serial devices. The UART
interface provides a simple mechanism for communicating with other serial devices using
the RS232 protocol.
When the module is connected to another digital device, UART_RX and UART_TX
transfer data between the two devices. The remaining two signals, UART_CTS and
UART_RTS, can be used to implement RS232 hardware flow control where both are
active low indicators.
5.6.2
USB
There is a full speed (12M bits/s) USB interface for communicating with other
compatible digital devices. The module acts as a USB peripheral, responding to request
from a master host controller, such as a PC.
The module features an internal USB pull-up resistor. This pulls the USB_DP pin weakly
high when module is ready to enumerate. It signals to the USB master that it is a full
speed (12Mbit/s) USB device. The USB internal pull-up is implemented as a current
source, and is compliant with section7.1.5 of the USB specification v1.2. The internal
pull-up pulls USB_DP high to at least 2.8V when loaded
with
a
15k
±5%
pull-down resistor (in
the hub/host) when
VDD
=3.1V. This presents a The
venin resistance to the host of at least 900 . Alternatively, an external 1.5k
pull-up
resistor can be placed between a PIO line and DP on the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com