Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM41 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
10
20
AIO_1
Bi-directional
VDD/Low-voltage regulator output
Analogue programmable input/ output line
circuitry and 1.5V regulated output (from
internal low-voltage regulator)
21
UART_RX
CMOS input with weak internal
pull-down
UART data input
22
UART_TX
Bi-directional CMOS output,
tri-state, with weak internal pull-up
UART data output
23
UART_RTS
Bi-directional CMOS output,
tri-state, with weak internal pull-up
UART request to send active low
24
UART_CTS
CMOS input with weak internal
pull-down
UART clear to send active low
25
USB_DP
Bi-directional
USB data plus with selectable internal
1.5k
pull-up resistor
26
USB_DN
Bi-directional
USB data minus
27
PIO_1
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
28
PIO_0
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
29
PIO_9
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
30
PIO_10
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
31
SPI_MISO
CMOS output, tri-state, with weak
internal pull-down
SPI data output
32
SPI_MOSI
CMOS input, with weak internal
pull-down
SPI data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com