Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 12 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 12 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM41 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
12
5. PHYSICAL INTERFACE
5.1
Power Supply
The transient response of the regulator is important. If the power rails of the module are
supplied from an external voltage source, the transient response of any regulator used
should be 20µs or less.
5.2
Audio Interfaces
5.2.1
PCM
The audio pulse code modulation (PCM) interface supports continuous transmission and
reception of PCM encoded audio data over Bluetooth.
Pulse Code Modulation (PCM) is a standard method used to digitize audio (particularly
voice) for transmission over digital communication channels. Through its PCM interface,
BTM41
provide hardware support for continual transmission and reception of PCM
data, thus reducing processor overhead for wireless headset applications.BTM41offers a
bi-directional digital audio interface that routes directly into the baseband layer of the
on-chip firmware. It does not pass through the HCI protocol layer.
Hardware on BTM41 allows the data to be sent to and received from a SCO connection. Up
to three SCO connections can be supported by the PCM interface at any time.
5.3
RF Interface
The module integrates a balun filter. The user can connect a 50ohms antenna directly to the
RF port.
5.4
General Purpose Analog IO
The general purpose analog IOs can be configured as ADC inputs by software. Do not
connect them if not use.
5.5
General Purpose Digital IO
There are nine general purpose digital IOs defined in the module. All these GPIOs can be
configured by software to realize various functions, such as button controls, LED displays
or interrupt signals to host controller, etc. Do not connect them if not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com