Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM41 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
16
CI Input Capacitance
1.0
-
5.0
pF
Resistive Strength
Rpuw weak pull-up strength at +3V3-0.2V
500k
-
2M
Rpdw weak pull-up strength at 0.2V
500k
-
2M
Rpus strong pull-up strength at +3V3-0.2V
10k
-
50k
Rpds strong pull-up strength at 0.2V
10k
-
50k
6.3.2
USB
USB Terminals
Min
Typical
Max
Unit
Input Threshold
VIL input logic level low
-
-
0.3*3V3
V
VIH input logic level high
0.7*3V3
-
-
V
Input Leakage Current
GND < VIN < +3V3
(a)
-1
1
5
µ
A
CI Input capacitance
2.5
-
10.0
pF
Output Voltage Levels to Correctly Terminated USB Cable
VIL output logic level low
0.0
-
0.2
V
VIH output logic level high
2.8
-
+3V3
V
6.4
Power consumptions
Operating Condition
Min
Typical
Max
Unit
Connected Idle (Sniff 1.28 secs)
0.19
mA
Connected with audio streaming
30
35
40
mA
Deep Sleep Idle mode
60
uA
Table 3
Table 4
Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com