Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM41
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM41 Datasheet(HTML) 9 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM41 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM41 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
http://www.buddies –tech.com
BTM41 DATASHEET
9
3.1 Pin Description
Pin#
Pin Name
Pad Type
Description
1
GND
Ground
Digital Ground
2
SPI_CSB
Input with weak internal pull-up
Chip select for Serial Peripheral Interface
(SPI),active low
3
PIO_2
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
4
PIO_3
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
5
RESETB
CMOS input with weak internal
pull-up
Active LOW reset
6
SPI_CLK Input with weak internal pull-down
SPI clock
7
PCM_CLK
Bi-directional with weak internal
pull-down
Synchronous data clock
8
PCM_SYNC
Bi-directional with weak internal
pull-down
Synchronous data sync
9
PCM_IN
CMOS input, with weak internal
pull-down
Synchronous data input
10
PCM_OUT
CMOS output, tri-state, with weak
internal pull-down
Synchronous data output
11
+3V3
Power Supply
Positive supply for BT Module(3.0V~3.6V)
12
GND
Ground
Digital Ground
13
AIO_0
Bi-directional
VDD/Low-voltage regulator output
Analogue programmable input/ output line
circuitry and 1.5V regulated output (from
internal low-voltage regulator)
14
GND
Ground
Digital Ground
15
PIO_11
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
16
PIO_5
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
17
PIO_4
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
18
PIO_6
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
19
GND
Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com