Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 26 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 26 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 22Page - Texas Instruments XIO2000AI Datasheet HTML 23Page - Texas Instruments XIO2000AI Datasheet HTML 24Page - Texas Instruments XIO2000AI Datasheet HTML 25Page - Texas Instruments XIO2000AI Datasheet HTML 26Page - Texas Instruments XIO2000AI Datasheet HTML 27Page - Texas Instruments XIO2000AI Datasheet HTML 28Page - Texas Instruments XIO2000AI Datasheet HTML 29Page - Texas Instruments XIO2000AI Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
Introduction
17
April 2007 Revised October 2008
SCPS155C
Table 2−5. Power Supply Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VCCP
A04, J01
B04, G02
A04, G01
PWR
Bypass
capacitors
5.0-V or 3.3-V PCI bus clamp voltage
to set maximum I/O voltage tolerance
of the secondary PCI bus signals
VDD_15
D09, H14, J04,
P07, P15
D08, F14, G04,
L05, N13
D08, F14, G04,
L05, N12
PWR
Bypass
capacitors
1.5-V digital core power terminals
VDDA_15
F17, J14, J15,
G15
D13, E11, H11,
H13
E11, F12, H11,
H13
PWR
Pi filter
1.5-V analog power terminal
VDD_33
C06, C13, D10,
E03, H04, M03,
P09, P10, P11,
R05, R14, T13
D04, D06, D10,
F04, F09, J06,
J07, L04, L08,
L09, L10, P12
D04, D05, D09,
F04, F09, J06,
J07, K04, L08,
M09, M10, M11
PWR
Bypass
capacitors
3.3-V digital I/O power terminals
VDD_33_AUX
K14
J14
J12
PWR
Bypass
capacitors
3.3-V auxiliary power terminal
Note: This terminal is connected to
VSS through a pulldown resistor if no
auxiliary supply is present.
VDDA_33
D15, K15
C13, J11
C12, J11
PWR
Pi filter
3.3-V analog power terminal
Table 2−6. Ground Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
DESCRIPTION
VSS
C05, C14, D03, D08, D11,
G04, G17, K04, K17, N03,
P08, R04, R06, R10, R11,
R12, R13, R17
F06, F07, F08, F13, G06,
G07, G08, G09, H06, H07,
H08, H09, J08, J09, M08,
M09, M12, P11
F06, F07, F08, F13, G06,
G07, G08, G09, H06, H07,
H08, H09, J08, J09, L09,
L11, M08, N13
GND
Digital ground terminals
VSS
G07, G08, G09, G10, G11,
H07, H08, H09, H10, H11,
J07, J08, J09, J10, J11,
K07, K08, K09, K10, K11,
L07, L08, L09, L10, L11
GND
Ground terminals for
thermally-enhanced
package
VSSA
B17, E15, F15, F16, G14,
G16, H15, J16, L15
A14, E12, F11, F12, G11,
G12, K11, L11
B14, D12, E12, F11, G11,
G12, K11, P13
GND
Analog ground terminal
Table 2−7. Combined Power Outputs
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VDD_15_COMB
M17
K13
K13
Feed
through
Bypass
capacitors
Internally-combined 1.5-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal
1.5-V circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power
to other devices.
VDD_33_COMB
K16
H12
H14
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal
3.3-V circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power
to other devices.
VDD_33_COMBIO
L14
J12
K12
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal
3.3-V input/output circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power
to other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com