Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 10 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 6Page - Texas Instruments XIO2000AI Datasheet HTML 7Page - Texas Instruments XIO2000AI Datasheet HTML 8Page - Texas Instruments XIO2000AI Datasheet HTML 9Page - Texas Instruments XIO2000AI Datasheet HTML 10Page - Texas Instruments XIO2000AI Datasheet HTML 11Page - Texas Instruments XIO2000AI Datasheet HTML 12Page - Texas Instruments XIO2000AI Datasheet HTML 13Page - Texas Instruments XIO2000AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
Features
1
April 2007 Revised October 2008
SCPS155C
1
XIO2000A Features
D Full x1 PCI Express Throughput
D Fully Compliant with PCI Express to
PCI/PCI-X Bridge Specification,
Revision 1.0
D Fully Compliant with PCI Express Base
Specification, Revision 1.0a
D Fully Compliant with PCI Local Bus
Specification, Revision 2.3
D Extended Virtual Channel (VC) Support
Includes a Second VC for
Quality-of-Service and Isochronous
Applications
D PCI Express Advanced Error Reporting
Capability Including ECRC Support
D Support for D1, D2, D3hot, and D3cold
D Active State Link Power Management
Saves Power When Packet Activity on the
PCI Express Link is Idle, Using Both L0s
and L1 States
D Wake Event and Beacon Support
D Error Forwarding Including PCI Express
Data Poisoning and PCI Bus Parity Errors
D Utilizes 100-MHz Differential PCI Express
Common Reference Clock or 125-MHz
Single-Ended, Reference Clock
D Robust Pipeline Architecture To Minimize
Transaction Latency
D Full PCI Local Bus 66-MHz/32-Bit
Throughput
D Support for Six Subordinate PCI Bus
Masters with Internal Configurable, 2-Level
Prioritization Scheme
D Low Power Design (<350 mW) Ensures
Ease of Implementation
D XIO2000AI Supports Industrial
Temperatures at 33-MHz Bus Speeds
D Two Package Options: 15 mm x 15 mm and
12 mm x 12 mm
D Internal PCI Arbiter Supporting Up to 6
External PCI Masters
D Advanced VC Arbitration Options Include
VC1 Strict Priority, Hardware-Fixed
Round-Robin, and 32-Phase, Weighted
Round-Robin
D Advanced PCI Bus Port Arbitration Options
Include 128-phase, Weighted Round-Robin
Time-Based and 128-phase, Weighted
Round-Robin Aggressive Time-Based
D Advanced PCI Isochronous Windows for
Memory Space Mapping to a Specified
Traffic Class
D Advanced PCI Express Message Signaled
Interrupt Generation for Serial IRQ
Interrupts from CardBus Applications
D External PCI Bus Arbiter Option
D PCI Bus LOCK Support
D Clock Run and Power Override Support
D Six Buffered PCI Clock Outputs (33 MHz or
66 MHz)
D PCI Bus Interface 3.3-V and 5.0-V (33 MHz
only at 5.0 V) Tolerance Options
D Integrated AUX Power Switch Drains VAUX
Power Only When Main Power Is Off
D Eight 3.3-V, Multifunction, General-Purpose
I/O Terminals
D Memory-Mapped EEPROM Serial-Bus
Controller Supporting PCI Express Power
Budget/Limit Extensions for Add-In Cards
D Compact Footprint, 201-Ball, GZZ
MicroStarTM BGA (XIO2000A only),
Lead-Free 201-Ball, ZZZ MicroStarTM BGA;
175-Ball ZHC MicroStar BGA; or 175-Ball
ZHH MicroStar BGA
Table 1−1.
Figure 1−1.
MicroStar BGA is a trademark of Texas Instruments.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com