Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 61 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 61 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 57Page - Texas Instruments XIO2000AI Datasheet HTML 58Page - Texas Instruments XIO2000AI Datasheet HTML 59Page - Texas Instruments XIO2000AI Datasheet HTML 60Page - Texas Instruments XIO2000AI Datasheet HTML 61Page - Texas Instruments XIO2000AI Datasheet HTML 62Page - Texas Instruments XIO2000AI Datasheet HTML 63Page - Texas Instruments XIO2000AI Datasheet HTML 64Page - Texas Instruments XIO2000AI Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
Classic PCI Configuration Space
52
April 2007 Revised October 2008
SCPS155C
4.4
Status Register
The status register provides information about the PCI Express interface to the system. See Table 4−3 for a
complete description of the register contents.
PCI register offset:
06h
Register type:
Read-only, Read/Clear
Default value:
0010h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Table 4−3. Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. This bit is set when the PCI Express interface receives a poisoned TLP. This
bit is set regardless of the state of bit 6 (PERR_ENB) in the command register (offset 04h, see
Section 4.3).
0 = No parity error detected
1 = Parity error detected
14
SYS_ERR
RCU
Signaled system error. This bit is set when the bridge sends an ERR_FATAL or ERR_NONFATAL
message and bit 8 (SERR_ENB) in the command register (offset 04h, see Section 4.3) is set.
0 = No error signaled
1 = ERR_FATAL or ERR_NONFATAL signaled
13
MABORT
RCU
Received master abort. This bit is set when the PCI Express interface of the bridge receives a
completion-with-unsupported-request status.
0 = Unsupported request not received on the PCI Express interface
1 = Unsupported request received on the PCI Express interface
12
TABORT_REC
RCU
Received target abort. This bit is set when the PCI Express interface of the bridge receives a
completion-with-completer-abort status.
0 = Completer abort not received on the PCI Express interface
1 = Completer abort received on the PCI Express interface
11
TABORT_SIG
RCU
Signaled target abort. This bit is set when the PCI Express interface completes a request with
completer abort status.
0 = Completer abort not signaled on the PCI Express interface
1 = Completer abort signaled on the PCI Express interface
10:9
PCI_SPEED
R
DEVSEL timing. These bits are read-only 00b, because they do not apply to PCI Express.
8
DATAPAR
RCU
Master data parity error. This bit is set if bit 6 (PERR_ENB) in the command register (offset 04h,
see Section 4.3) is set and the bridge receives a completion with data marked as poisoned on the
PCI Express interface or poisons a write request received on the PCI Express interface.
0 = No uncorrectable data error detected on the primary interface
1 = Uncorrectable data error detected on the primary interface
7
FBB_CAP
R
Fast back-to-back capable. This bit does not have a meaningful context for a PCI Express device
and is hardwired to 0b.
6
RSVD
R
Reserved. Returns 0b when read.
5
66MHZ
R
66-MHz capable. This bit does not have a meaningful context for a PCI Express device and is
hardwired to 0b.
4
CAPLIST
R
Capabilities list. This bit returns 1b when read, indicating that the bridge supports additional PCI
capabilities.
3
INT_STATUS
R
Interrupt status. This bit reflects the interrupt status of the function. This bit is read-only 0b since
the bridge does not generate any interrupts internally.
2:0
RSVD
R
Reserved. Returns 000b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com