Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 54 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 54 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 50Page - Texas Instruments XIO2000AI Datasheet HTML 51Page - Texas Instruments XIO2000AI Datasheet HTML 52Page - Texas Instruments XIO2000AI Datasheet HTML 53Page - Texas Instruments XIO2000AI Datasheet HTML 54Page - Texas Instruments XIO2000AI Datasheet HTML 55Page - Texas Instruments XIO2000AI Datasheet HTML 56Page - Texas Instruments XIO2000AI Datasheet HTML 57Page - Texas Instruments XIO2000AI Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 160 page
background image
Feature/Protocol Descriptions
45
April 2007 Revised October 2008
SCPS155C
Table 3−13. EEPROM Register Loading Map
SERIAL EEPROM
WORD ADDRESS
BYTE DESCRIPTION
00h
PCI-Express to PCI bridge function indicator (00h)
01h
Number of bytes to download (1Eh)
02h
PCI 84h, subsystem vendor ID, byte 0
03h
PCI 85h, subsystem vendor ID, byte 1
04h
PCI 86h, subsystem ID, byte 0
05h
PCI 87h, subsystem ID, byte 1
06h
PCI D4h, general control, byte 0
07h
PCI D5h, general control, byte 1
08h
PCI D6h, general control, byte 2
09h
PCI D7h, general control, byte 3
0Ah
PCI D8h, clock control
0Bh
PCI D9h, clock mask
0Ch
Reserved—no bits loaded
0Dh
PCI DCh, arbiter control
0Eh
PCI DDh, arbiter request mask
0Fh
PCI C0h, control and diagnostic register 0 byte 0
10h
PCI C1h, control and diagnostic register 0 byte 1
11h
PCI C2h, control and diagnostic register 0 byte 2
12h
PCI C3h, control and diagnostic register 0 byte 3
13h
PCI C4h, control and diagnostic register 1 byte 0
14h
PCI C5h, control and diagnostic register 1 byte 1
15h
PCI C6h, control and diagnostic register 1 byte 2
16h
PCI C7h, control and diagnostic register 1 byte 3
17h
PCI C8h, control and diagnostic register 2 byte 0
18h
PCI C9h, control and diagnostic register 2 byte 1
19h
PCI CAh, control and diagnostic register 2 byte 2
1Ah
PCI CBh, control and diagnostic register 2 byte 3
1Bh
Reserved—no bits loaded
1Ch
Reserved—no bits loaded
1Dh
PCI E0h, serial IRQ mode control
1Eh
PCI E2h, serial IRQ edge control, byte 0
1Fh
PCI E3h, serial IRQ edge control, byte 1
20h
End-of-list indicator (80h)
This format must be explicitly followed for the bridge to correctly load initialization values from a serial
EEPROM. All byte locations must be considered when programming the EEPROM.
The serial EEPROM is addressed by the bridge at slave address 1010 000b. This slave address is internally
hardwired and cannot be changed by the system designer. Therefore, all three hardware address bits for the
EEPROM are tied to VSS to achieve this address. The serial EEPROM in the sample application circuit
(Figure 3−14) assumes the 1010b high-address nibble. The lower three address bits are terminal inputs to
the chip, and the sample application shows these terminal inputs tied to VSS.
During an EEPROM download operation, bit 4 (ROMBUSY) in the serial-bus control and status register is
asserted. After the download is finished, bit 0 (ROM_ERR) in the serial-bus control and status register may
be monitored to verify a successful download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com