Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 99 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 99 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 95Page - Texas Instruments XIO2000AI Datasheet HTML 96Page - Texas Instruments XIO2000AI Datasheet HTML 97Page - Texas Instruments XIO2000AI Datasheet HTML 98Page - Texas Instruments XIO2000AI Datasheet HTML 99Page - Texas Instruments XIO2000AI Datasheet HTML 100Page - Texas Instruments XIO2000AI Datasheet HTML 101Page - Texas Instruments XIO2000AI Datasheet HTML 102Page - Texas Instruments XIO2000AI Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 160 page
background image
Classic PCI Configuration Space
90
April 2007 Revised October 2008
SCPS155C
4.70 Arbiter Request Mask Register
The arbiter request mask register enables and disables support for requests from specific masters on the
secondary bus. The arbiter request mask register also controls if a request input is automatically masked on
an arbiter time-out. See Table 4−44 for a complete description of the register contents.
PCI register offset:
DDh
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−44. Arbiter Request Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7†
ARB_TIMEOUT
RW
Arbiter time-out. This bit enables the arbiter time-out feature. The arbiter time-out is defined as
the number of PCI clocks after the PCI bus has gone idle for a device to assert FRAME before
the arbiter assumes the device will not respond.
0 = Arbiter time disabled (default)
1 = Arbiter time-out set to 16 PCI clocks
6†
AUTO_MASK
RW
Automatic request mask. This bit enables automatic request masking when an arbiter time-out
occurs.
0 = Automatic request masking disabled (default)
1 = Automatic request masking enabled
5†
REQ5_MASK
RW
Request 5 (REQ5) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 5.
0 = Use request 5 (default)
1 = Ignore request 5
4†
REQ4_MASK
RW
Request 4 (REQ4) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 4.
0 = Use request 4 (default)
1 = Ignore request 4
3†
REQ3_MASK
RW
Request 3 (REQ3) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 3.
0 = Use request 3 (default)
1 = Ignore request 3
2†
REQ2_MASK
RW
Request 2 (REQ2) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 2.
0 = Use request 2 (default)
1 = Ignore request 2
1†
REQ1_MASK
RW
Request 1 (REQ1) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 1.
0 = Use request 1 (default)
1 = Ignore request 1
0†
REQ0_MASK
RW
Request 0 (REQ0) mask. Setting this bit forces the internal arbiter to ignore requests signal on
request input 0.
0 = Use request 0 (default)
1 = Ignore request 0
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com