Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 103 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 103 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 99Page - Texas Instruments XIO2000AI Datasheet HTML 100Page - Texas Instruments XIO2000AI Datasheet HTML 101Page - Texas Instruments XIO2000AI Datasheet HTML 102Page - Texas Instruments XIO2000AI Datasheet HTML 103Page - Texas Instruments XIO2000AI Datasheet HTML 104Page - Texas Instruments XIO2000AI Datasheet HTML 105Page - Texas Instruments XIO2000AI Datasheet HTML 106Page - Texas Instruments XIO2000AI Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 160 page
background image
Classic PCI Configuration Space
94
April 2007 Revised October 2008
SCPS155C
Table 4−47. Serial IRQ Edge Control Register Description (Continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
1†
IRQ1_MODE
RW
IRQ 1 edge mode
0 = Edge mode (default)
1 = Level mode
0†
IRQ0_MODE
RW
IRQ 0 edge mode
0 = Edge mode (default)
1 = Level mode
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.74 Serial IRQ Status Register
This register indicates when a level mode IRQ is signaled on the serial IRQ stream. After a level mode IRQ
is signaled, a write-back of 1b to the asserted IRQ status bit re-arms the interrupt. IRQ interrupts that are
defined as edge mode in the serial IRQ edge control register are not reported in this status register. See
Table 4−48 for a complete description of the register contents.
PCI register offset:
E4h
Register type:
Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−48. Serial IRQ Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
IRQ15
RCU
IRQ 15 asserted. This bit indicates that the IRQ15 has been asserted.
0 = Deasserted
1 = Asserted
14
IRQ14
RCU
IRQ 14 asserted. This bit indicates that the IRQ14 has been asserted.
0 = Deasserted
1 = Asserted
13
IRQ13
RCU
IRQ 13 asserted. This bit indicates that the IRQ13 has been asserted.
0 = Deasserted
1 = Asserted
12
IRQ12
RCU
IRQ 12 asserted. This bit indicates that the IRQ12 has been asserted.
0 = Deasserted
1 = Asserted
11
IRQ11
RCU
IRQ 11 asserted. This bit indicates that the IRQ11 has been asserted.
0 = Deasserted
1 = Asserted
10
IRQ10
RCU
IRQ 10 asserted. This bit indicates that the IRQ10 has been asserted.
0 = Deasserted
1 = Asserted
9
IRQ9
RCU
IRQ 9 asserted. This bit indicates that the IRQ9 has been asserted.
0 = Deasserted
1 = Asserted
8
IRQ8
RCU
IRQ 8 asserted. This bit indicates that the IRQ8 has been asserted.
0 = Deasserted
1 = Asserted
7
IRQ7
RCU
IRQ 7 asserted. This bit indicates that the IRQ7 has been asserted.
0 = Deasserted
1 = Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com