Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 102 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 102 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 98Page - Texas Instruments XIO2000AI Datasheet HTML 99Page - Texas Instruments XIO2000AI Datasheet HTML 100Page - Texas Instruments XIO2000AI Datasheet HTML 101Page - Texas Instruments XIO2000AI Datasheet HTML 102Page - Texas Instruments XIO2000AI Datasheet HTML 103Page - Texas Instruments XIO2000AI Datasheet HTML 104Page - Texas Instruments XIO2000AI Datasheet HTML 105Page - Texas Instruments XIO2000AI Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 160 page
background image
Classic PCI Configuration Space
93
April 2007 Revised October 2008
SCPS155C
4.73 Serial IRQ Edge Control Register
This register controls the edge mode or level mode for each IRQ in the serial IRQ stream. See Table 4−47 for
a complete description of the register contents.
PCI register offset:
E2h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−47. Serial IRQ Edge Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15†
IRQ15_MODE
RW
IRQ 15 edge mode
0 = Edge mode (default)
1 = Level mode
14†
IRQ14_MODE
RW
IRQ 14 edge mode
0 = Edge mode (default)
1 = Level mode
13†
IRQ13_MODE
RW
IRQ 13 edge mode
0 = Edge mode (default)
1 = Level mode
12†
IRQ12_MODE
RW
IRQ 12 edge mode
0 = Edge mode (default)
1 = Level mode
11†
IRQ11_MODE
RW
IRQ 11 edge mode
0 = Edge mode (default)
1 = Level mode
10†
IRQ10_MODE
RW
IRQ 10 edge mode
0 = Edge mode (default)
1 = Level mode
9†
IRQ9_MODE
RW
IRQ 9 edge mode
0 = Edge mode (default)
1 = Level mode
8†
IRQ8_MODE
RW
IRQ 8 edge mode
0 = Edge mode (default)
1 = Level mode
7†
IRQ7_MODE
RW
IRQ 7 edge mode
0 = Edge mode (default)
1 = Level mode
6†
IRQ6_MODE
RW
IRQ 6 edge mode
0 = Edge mode (default)
1 = Level mode
5†
IRQ5_MODE
RW
IRQ 5 edge mode
0 = Edge mode (default)
1 = Level mode
4†
IRQ4_MODE
RW
IRQ 4 edge mode
0 = Edge mode (default)
1 = Level mode
3†
IRQ3_MODE
RW
IRQ 3 edge mode
0 = Edge mode (default)
1 = Level mode
2†
IRQ2_MODE
RW
IRQ 2 edge mode
0 = Edge mode (default)
1 = Level mode
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com