Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 32 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 32 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 28Page - Texas Instruments XIO2000AI Datasheet HTML 29Page - Texas Instruments XIO2000AI Datasheet HTML 30Page - Texas Instruments XIO2000AI Datasheet HTML 31Page - Texas Instruments XIO2000AI Datasheet HTML 32Page - Texas Instruments XIO2000AI Datasheet HTML 33Page - Texas Instruments XIO2000AI Datasheet HTML 34Page - Texas Instruments XIO2000AI Datasheet HTML 35Page - Texas Instruments XIO2000AI Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
Introduction
23
April 2007 Revised October 2008
SCPS155C
Table 2−12. Miscellaneous Terminals (Continued)
SIGNAL
GZZ
ZZZ
BALL
ZHC
BALL
ZHH
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
GPIO5 //
SDA
T07
N05
N05
I/O
LV
CMOS
VDD_33
Pullup or
Pulldown
resistor
GPIO5 or serial-bus data. This terminal
functions as serial-bus data if a pullup
resistor is detected on SDA. If a pulldown
resistor is detected on SDA, this terminal
functions as GPIO5.
Note: In serial-bus mode, an external
pullup resistor is required to prevent the
SDA signal from floating.
GPIO6
U07
M06
M05
I/O
LV
CMOS
VDD_33
General-purpose I/O 6. This terminal
functions as a GPIO controlled by bit 6
(GPIO6_DIR) in the GPIO control register
(see Section 4.59).
Note: This terminal has an internal active
pullup resistor.
GPIO7
U08
L06
L06
I/O
LV
CMOS
VDD_33
General-purpose I/O 7. This terminal
functions as a GPIO controlled by bit 7
(GPIO7_DIR) in the GPIO control register
(see Section 4.59).
Note: This terminal has an internal active
pullup resistor.
GRST
N17
L13
L13
I
LV
CMOS
VDD_33_
COMBIO
Global reset input. Asynchronously resets
all logic in device, including sticky bits and
power management state machines.
Note: The GRST input buffer has both
hysteresis and an internal active pullup.
LOCK
U04
P02
P02
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
This terminal functions as PCI LOCK when
bit 12 (LOCK_EN) is set in the general
control register (see Section 4.65).
Note: In lock mode, an external pullup
resistor is required to prevent the LOCK
signal from floating.
M66EN
R01
M01
M01
I
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
66-MHz mode enable
0 = Secondary PCI bus and clock outputs
operate at 33 MHz
1 = Secondary PCI bus and clock outputs
operate at 66 MHz
Note: If the PCI bus clock is always 33
MHz, then this terminal is connected to
VSS.
Note: The XIO2000AI industrial
temperature device does not support 66
MHz operation so for the XIO2000AI, this
pin must be grounded for proper operation.
SERIRQ
T04
N03
N03
I/O
PCI
Bus
VCCP
Pullup or
pulldown
resistor
Serial IRQ interface. This terminal
functions as a serial IRQ interface if a
pullup is detected when PERST is
deasserted. If a pulldown is detected, then
the serial IRQ interface is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com