Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 9Page - NXP Semiconductors SC16C554DB Datasheet HTML 10Page - NXP Semiconductors SC16C554DB Datasheet HTML 11Page - NXP Semiconductors SC16C554DB Datasheet HTML 12Page - NXP Semiconductors SC16C554DB Datasheet HTML 13Page - NXP Semiconductors SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors SC16C554DB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
13 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
6.
Functional description
The SC16C554B/554DB provides serial asynchronous receive data synchronization,
parallel-to-serial and serial-to-parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for converting the serial data stream into
parallel data that is required with digital data systems. Synchronization for the serial data
stream is accomplished by adding start and stop bits to the transmit data to form a data
character. Data integrity is insured by attaching a parity bit to the data character. The
parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry
to provide all these functions is fairly complex, especially when manufactured on a single
integrated silicon chip. The SC16C554B/554DB represents such an integration with
greatly enhanced features. The SC16C554B/554DB is fabricated with an advanced
CMOS process to achieve low drain power and high speed requirements.
The SC16C554B/554DB is an upward solution that provides 16 bytes of transmit and
receive FIFO memory, instead of none in the 16C454. The SC16C554B/554DB is
designed to work with high speed modems and shared network environments that require
fast data processing time. Increased performance is realized in the SC16C554B/554DB
by the larger transmit and receive FIFOs. This allows the external processor to handle
more networking tasks within a given time. In addition, the four selectable levels of FIFO
trigger interrupt is uniquely provided for maximum data throughput performance,
especially when operating in a multi-channel environment. The combination of the above
greatly reduces the bandwidth requirement of the external controlling CPU, increases
performance, and reduces power consumption.
The SC16C554B/554DBAI68 combines the package interface modes of the 16C454/554
and 68C454/554 series on a single integrated chip. The 16 mode interface is designed to
operate with the Intel-type of microprocessor bus, while the 68 mode is intended to
operate with Motorola and other popular microprocessors. Following a reset, the
SC16C554B/554DBAI68 is downward compatible with the 16C454/554 or the
68C454/554, dependent on the state of the interface mode selection pin, 16/68.
The SC16C554B/554DB is capable of operation to 1.5 Mbit/s with a 24 MHz crystal and
up to 5 Mbit/s with an external clock input (at 3.3 V and 5 V; at 2.5 V the maximum speed
is 3 Mbit/s).
The rich feature set of the SC16C554B/554DB is available through internal registers.
Selectable receive FIFO trigger levels, selectable TX and RX baud rates, and modem
interface controls are all standard features. In the 16 mode, INTSEL and MCR[3] can be
configured to provide a software controlled or continuous interrupt capability. Due to pin
limitations of the 64-pin package, this feature is offered by two different LQFP64
packages. The SC16C554DB operates in the continuous interrupt enable mode by
bonding INTSEL to VCC internally. The SC16C554B operates in conjunction with MCR[3]
by bonding INTSEL to GND internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com