Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 28Page - NXP Semiconductors SC16C554DB Datasheet HTML 29Page - NXP Semiconductors SC16C554DB Datasheet HTML 30Page - NXP Semiconductors SC16C554DB Datasheet HTML 31Page - NXP Semiconductors SC16C554DB Datasheet HTML 32Page - NXP Semiconductors SC16C554DB Datasheet HTML 33Page - NXP Semiconductors SC16C554DB Datasheet HTML 34Page - NXP Semiconductors SC16C554DB Datasheet HTML 35Page - NXP Semiconductors SC16C554DB Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
32 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the modem, or
other peripheral device to which the SC16C554B/554DB is connected. Four bits of this
register are used to indicate the changed information. These bits are set to a logic 1
whenever a control input from the modem changes state. These bits are set to a logic 0
whenever the CPU reads this register.
0
LSR[0]
Receive data ready.
Logic 0 = No data in receive holding register or FIFO (normal default
condition).
Logic 1 = Data has been received and is saved in the receive holding
register or FIFO.
Table 20:
Line Status Register bits description …continued
Bit
Symbol
Description
Table 21:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD (active HIGH, logical 1). Normally this bit is the complement of the CD
input. In the loop-back mode this bit is equivalent to the OP2 bit in the MCR
register.
6
MSR[6]
RI (active HIGH, logical 1). Normally this bit is the complement of the RI
input. In the loop-back mode this bit is equivalent to the OP1 bit in the MCR
register.
5
MSR[5]
DSR (active HIGH, logical 1). Normally this bit is the complement of the DSR
input. In loop-back mode this bit is equivalent to the DTR bit in the MCR
register.
4
MSR[4]
CTS (active HIGH, logical 1). CTS functions as hardware flow control signal
input if it is enabled via MCR[5]. Flow control (when enabled) allows starting
and stopping the transmissions based on the external modem CTS signal. A
logic 1 at the CTS pin will stop SC16C554B/554DB transmissions as soon
as current character has finished transmission. Normally MSR[4] is the
complement of the CTS input. However, in the loop-back mode, this bit is
equivalent to the RTS bit in the MCR register.
3
MSR[3]
∆CD [1]
Logic 0 = No CD change (normal default condition).
Logic 1 = The CD input to the SC16C554B/554DB has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
2
MSR[2]
∆RI [1]
Logic 0 = No RI change (normal default condition).
Logic 1 = The RI input to the SC16C554B/554DB has changed from a
logic 0 to a logic 1. A modem Status Interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com