Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 11Page - NXP Semiconductors SC16C554DB Datasheet HTML 12Page - NXP Semiconductors SC16C554DB Datasheet HTML 13Page - NXP Semiconductors SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors SC16C554DB Datasheet HTML 17Page - NXP Semiconductors SC16C554DB Datasheet HTML 18Page - NXP Semiconductors SC16C554DB Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
15 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
6.2 Internal registers
The SC16C554B/554DB provides 12 internal registers for monitoring and control. These
registers are shown in Table 5. These registers function as data holding registers
(THR/RHR), interrupt status and control registers (IER/ISR), a FIFO control register
(FCR), line status and control registers (LCR/LSR), modem status and control registers
(MCR/MSR), programmable data rate (clock) control registers (DLL/DLM), and a user
accessible scratchpad register (SPR). Register functions are more fully described in the
following paragraphs.
[1]
These registers are accessible only when LCR[7] is a logic 0.
[2]
These registers are accessible only when LCR[7] is a logic 1.
6.3 FIFO operation
The 16 byte transmit and receive data FIFOs are enabled by the FIFO Control Register
(FCR) bit 0. With SC16C554B devices, the user can set the receive trigger level, but not
the transmit trigger level. The receiver FIFO section includes a time-out function to ensure
data is delivered to the external CPU. An interrupt is generated whenever the Receive
Holding Register (RHR) has not been read following the loading of a character or the
receive trigger level has not been reached.
Table 5:
Internal registers decoding
A2
A1
A0
Read mode
Write mode
General register set (THR/RHR, IER/ISR, MCR/MSR, FCR, LSR, SPR) [1]
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
Line Control Register
1
0
0
Modem Control Register
Modem Control Register
1
0
1
Line Status Register
n/a
1
1
0
Modem Status Register
n/a
1
1
1
Scratchpad Register
Scratchpad Register
Baud rate register set (DLL/DLM) [2]
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Table 6:
Flow control mechanism
Selected trigger level
(characters)
INT pin activation
Negate RTS
Assert RTS
11
4
1
44
8
4
8
8
12
8
14
14
14
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com