Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 19Page - NXP Semiconductors SC16C554DB Datasheet HTML 20Page - NXP Semiconductors SC16C554DB Datasheet HTML 21Page - NXP Semiconductors SC16C554DB Datasheet HTML 22Page - NXP Semiconductors SC16C554DB Datasheet HTML 23Page - NXP Semiconductors SC16C554DB Datasheet HTML 24Page - NXP Semiconductors SC16C554DB Datasheet HTML 25Page - NXP Semiconductors SC16C554DB Datasheet HTML 26Page - NXP Semiconductors SC16C554DB Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
23 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.
Register descriptions
Table 9 details the assigned bit functions for the SC16C554B/554DB internal registers.
The assigned bit functions are more fully defined in Section 7.1 through Section 7.10.
[1]
The value shown represents the register’s initialized HEX value; X = not applicable.
[2]
These registers are accessible only when LCR[7] = 0.
[3]
The Special Register set is accessible only when LCR[7] is set to a logic 1.
Table 9:
SC16C554B/554DB internal registers
A2
A1
A0
Register Default [1] Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
General Register set [2]
0
0
0
RHR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
0
THR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
IER
00
0
0
0
0
modem
status
interrupt
receive
line status
interrupt
transmit
holding
register
receive
holding
register
0
1
0
FCR
00
RCVR
trigger
(MSB)
RCVR
trigger
(LSB)
reserved reserved
DMA
mode
select
XMIT
FIFO reset
RCVR
FIFO
reset
FIFO
enable
0
1
0
ISR
01
FIFOs
enabled
FIFOs
enabled
0
0
INT
priority
bit 2
INT
priority
bit 1
INT
priority
bit 0
INT
status
0
1
1
LCR
00
divisor
latch
enable
set
break
set
parity
even
parity
parity
enable
stop bits
word
length
bit 1
word
length
bit 0
1
0
0
MCR
00
0
0
autoflow
control
enable
loop back OP2,
INTx
enable
OP1
RTS
DTR
1
0
1
LSR
60
FIFO
data
error
trans.
empty
trans.
holding
empty
break
interrupt
framing
error
parity
error
overrun
error
receive
data
ready
1
1
0
MSR
X0
CD
RI
DSR
CTS
∆CD
∆RI
∆DSR
∆CTS
1
1
1
SPR
FF
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Special Register set [3]
0
0
0
DLL
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
DLM
XX
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com