Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C554DB Datasheet HTML 1Page - NXP Semiconductors SC16C554DB Datasheet HTML 2Page - NXP Semiconductors SC16C554DB Datasheet HTML 3Page - NXP Semiconductors SC16C554DB Datasheet HTML 4Page - NXP Semiconductors SC16C554DB Datasheet HTML 5Page - NXP Semiconductors SC16C554DB Datasheet HTML 6Page - NXP Semiconductors SC16C554DB Datasheet HTML 7Page - NXP Semiconductors SC16C554DB Datasheet HTML 8Page - NXP Semiconductors SC16C554DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
3 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
4.
Block diagram
Fig 1.
Block diagram of SC16C554B/554DB (16 mode)
DTRA to DTRD
RTSA to RTSD
TRANSMIT
FIFO
REGISTERS
TXA to TXD
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA to RXD
SC16C554B/554DB
TRANSMIT
SHIFT
REGISTER
XTAL2
XTAL1
002aaa877
INTSEL
FLOW
CONTROL
LOGIC
CLKSEL
16/68
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
D0 to D7
IOR
IOW
RESET
A0 to A2
CSA to CSD
INTA to INTD
TXRDY
RXRDY
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
CTSA to CTSD
RIA to RID
CDA to CDD
DSRA to DSRD
FLOW
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com