Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554DB Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 13Page - NXP Semiconductors SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors SC16C554DB Datasheet HTML 17Page - NXP Semiconductors SC16C554DB Datasheet HTML 18Page - NXP Semiconductors SC16C554DB Datasheet HTML 19Page - NXP Semiconductors SC16C554DB Datasheet HTML 20Page - NXP Semiconductors SC16C554DB Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
17 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
6.4.3 Enabling autoflow control and auto-CTS
Autoflow control is enabled by setting MCR[5] and MCR[1].
6.4.4 Auto-CTS and auto-RTS functional timing
The receiver FIFO trigger level can be set to 1, 4, 8, or 14 bytes. These are described in
Figure 9 and Figure 10.
Table 7:
Enabling autoflow control and auto-CTS
MCR[5]
MCR[1]
Selection
1
1
auto RTS and CTS
1
0
auto CTS
0
X
disable
(1) When CTS is LOW, the transmitter keeps sending serial data out.
(2) If CTS goes HIGH before the middle of the last stop bit of the current byte, the transmitter finishes sending the current byte,
but is does not send the next byte.
(3) When CTS goes from HIGH to LOW, the transmitter begins sending data again.
Fig 8.
CTS functional timing waveforms
Start
bits 0 to 7
Stop
TX
CTS
002aaa049
Start
bits 0 to 7
Stop
Start
bits 0 to 7
Stop
(1) N = RCV FIFO trigger level (1, 4, or 8 bytes).
(2) The two blocks in dashed lines cover the case where an additional byte is sent as described in the preceding auto-RTS
section.
Fig 9.
RTS functional timing waveforms, RCV FIFO trigger level = 1, 4, or 8 bytes
Start
byte N
Start
byte N + 1
Start
byte
Stop
Stop
Stop
RX
RTS
IOR
(RD RBR)
N
N + 1
12
002aaa050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com