Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
GD9Fx1GxF2A
25
8.2.5 Copy-Back Program with Random Data Input (00H-35H)
The copy-back program is configured to quickly and efficiently rewrite data stored in one page without utilizing an external
memory. Since the time-consuming cycles of serial access and re-loading cycles are removed, the system performance is
improved. The benefit is especially obvious when a portion of a block is updated and the rest of the block is also needed
to be copied to the newly assigned free block. The operation for performing a copy-back program is a sequential execution
of page-read without serial access and copying-program with the address of destination page. A read operation with
“35h”command and the address of the source page moves the wholepage bytes data into the internal data buffer. As soon
as the device returns to Ready state, optional data read-out is allowed by toggling RE#, or Copy Back command (85H) with
the address cycles of destination page may be written. The Program Confirm command (10H) is required to actually begin
the programming operation. Data input cycle for modifying a portion or multiple distant portions of the source page is
allowed. When there is a program-failure at Copy-Back operation, error is reported by pass/fail status. But, if Copy-Back
operations are accumulated over time, bit error due to charge loss is not checked by external error detection/correction
scheme. Please note that Random Data Input (with/without data) is entered before Program Confirm command (10H) after
Random Data output.
Row.
Add2
Row.
Add1
Col.
Add2
Col.
Add1
00h
35h
Dout
1
Row.
Add1
Col.
Add2
Col.
Add1
85h
tWC
tRC
tRHW
Dout
N
tCS tCH
tWC
tADL
Dout
1
Dout
N
10h
70h Status
IO 0 = 0, pass
IO 0 = 1, fail
:Don't care
tR
CE#
CLE
ALE
WE#
RE#
I/Ox
R/B#
Row.
Add2
tRR
tWB
tPROG
tWB
Figure 21: Copy-Back Program with Random Data Input figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com