Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
GD9Fx1GxF2A
38
Status Register Definitions
I/O No.
Page
Program
Block
Erase
Cache
Program
Read
Cache Read
Definition
I/O 0
Pass/Fail
Pass/Fail
Pass/Fail(N)
Not use
Not use
N Page
Pass : 0
Fail : 1
I/O 1
Not use
Not use
Pass/Fail(N-
1)
Not use
Not use
N-1 Page
Pass : 0
Fail : 1
I/O 2
Not use
Not use
Not use
Not use
Not use
“0”
I/O 3
Not use
Not use
Not use
Not use
Not use
Not use
I/O 4
Not use
Not use
Not use
Not use
Not use
0
I/O 5
Ready/Busy
Ready/Busy
Ready/Busy
Ready/Busy
Ready/Busy
P/E/R controller
Busy : 0
Ready : 1
I/O 6
Ready/Busy
Ready/Busy
Ready/Busy
Ready/Busy
Ready/Busy
Data Cache
Busy : 0
Ready : 1
I/O 7
Write
Protect
Write
Protect
Write Protect
Write Protect
Write Protect
Protected:0
Not Protected:1
Notes:
1.
I/O0: This bit is only valid for Program and Erase operations. During Cache Program operations, this bit is only valid
when I/O5 is set to 1.
2.
I/O1: This bit is only valid for cache program operations. This bit is not valid until after the second 15h command or
the 10h command has been transferred in a Cache program sequence.
3.
I/O5: If set to one, then there is no array operation in progress. If cleared to zero, then there is a command being
processed (I/O6 is cleared to zero) or an array operation in progress.
4.
I/O6: When cache operations are in use, then this bit indicates whether another command can be accepted, and
I/O5 indicates whether the operation is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com